Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download NMRTB-CSS-T3U3U3V3R3S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOMINANT
Semiconductors
Innovating Illumination
TM
DATA SHEET:
SPNovaLEDTM
RGB SPNovaLED: 20mA
SPNovaLED
TM
Featuring a staggering brilliance and significant flux output, the SPNovaLEDTM showcases the latest technological advent in this range. With its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as automotive signal lights, traffic lights, channel lights, tube lights and garden lights among others.
Features:
> > > > > > > > Super high brightness surface mount LED. High flux output. 130 viewing angle. Compact package outline (LxW) of 6.0 x 6.0 mm. Ultra low height profile - 1.5 mm. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance.
Applications:
> Lighting: backlighting, garden light, architecture lighting, general lighting. etc
(c) 2005 SPNovaLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice.
1
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20 mA
Optical Characteristics at Ta=25C, If = 20mA
Part Number
NMRTB-CSS-T3U3+U3V3+R3S3-1 * Red * True Green * Blue T3 U3 U3 V3 R3 S3 320.0 450.0 715.0 1012.0 140.0 202.0 450.0 637.5 1012.0 1400.0 202.0 285.0
IV Bin
Intensity @ If=20mA (mcd) Min. Max.
Viewing Angle
130
Radiant intensity is measured with an accuracy of 11%.
Wavelength Grouping at Ta=25C
Color
Red True Green
Group
Full A B C
Wavelength distribution (nm)
619 - 630 520 - 525 525 - 530 530 - 535 460 - 465 465 - 470
Blue
Dominant wavelength is measured with an accuracy of 1 nm.
A B
Electrical Characteristics at Ta=25C
Part Number
NMRTB-CSS * Red * True Green * Blue 1.9 3.0 3.0 2.0 3.2 3.2 2.5 3.6 3.6
Vf @ If = 20mA Min. (V) Typ. (V) Max. (V)
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1V.
2
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Correlation Between Luminous Intensity And Luminous Flux
Color
Red
IV Bins
T3 U3
Luminous Intensity (mcd) Min.
320.0 450.0 715.0 1012.0 140.0 202.0
Luminous Flux (lm) Min.
0.90 1.26 1.93 2.73 0.35 0.51
Max.
450.0 637.5 1012.0 1400.0 202.0 285.0
Max.
1.26 1.79 2.73 3.78 0.51 0.71
True Green
U3 V3
Blue
R3 S3
Note: Data provided above is based on approximation
Material
Material
Lead-frame Package Encapsulate Soldering Leads
Note: Product has no lead (Pb) content.
Cu Alloy With Ag Plating High Temperature Resistant Plastic, PPA Silicone Resin Sn-Sn Plating
Absolute Maximum Ratings
Maximum Value
DC forward current (per chip) Peak pulse current (per chip) Reverse Voltage ESD Threshold (HBM) LED junction temperature Operating temperature Storage temperature Red 50 Red 200 True Green, Blue 30 True Green, Blue 100 V kV C C C mA
Unit
mA
Not designed for reverse bias 2 125 -40 ... +100 -40 ... +100
3
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Forward Current Vs Forward Voltage (Red)
3.5 3
Forward Current Vs Forward Voltage (Blue and True Green)
5 4 3 2 1 0
Forward Voltage, V
2.5 2 1.5 1 0.5 0 0 20 40 60 80 100
Forward Voltage, V
0
20
40
60
80
100
Forward Current, mA
Forward Current, mA
Wavelength Shift Vs Forward Current (Blue)
3 2 1 0 -1 -2 -3 0 20 40 60 80 100
Wavelength Shift Vs Forward Current (True Green)
6 4
Wavelength, nm
Wavelength, nm
2 0 -2 -4 -6 -8 -10 0 20 40 60 80 100
Forward Current, mA
Forward Current, mA
Max Pulse Current Vs Duty Cycle (Red)
220 200 180
Max Pulse Current Vs Duty Cycle (True Green, Blue)
120 100
Pulse Current, mA
160 140 120 100 80 60 40 20 0 1 10 100
Pulse Current, mA
80 60 40 20 0 1 10 100
Duty (%); Tp<= 0.010 sec.
Duty (%); Tp <= 0.010 sec.
4
18/01/2007 V(O)
DOMINANT TM
Innovating Illumination
Semiconductors
RGB SPNovaLED : 20mA
Max Current Vs Ambient Temperature
60 50
Radiation Pattern Max Current Vs Ambient Temperature
30
60
20
10
0
1.0
Red
Max Current, mA
50 40 40
0.8
40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
True Green / Blue
50 30
20 60 10 70
0.6
0.4
0.2
0 10 20 30 40 50 60 0 70 80 90 100
80 90
0
Ambient Temperature
Ambient Temperature
Max Current Vs Ambient Temperature
60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
Max Current Vs Ambient Temperature
60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
Ambient Temperature
Ambient Temperature
Max Current Vs Ambient Temperature
60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
Max Current Vs Ambient Temperature
60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100
Ambient Temperature
Ambient Temperature
5
18/01/2007 V(O)
Semiconductors
Innovating Illumination
TM
DOMINANT TM
RGB SPNovaLED : 20mA
SPNovaLED * RGB : 20mA Package Outlines
6
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Solder Pad Design
7
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Taping and orientation
* Reels come in quantity of 1000 units. * Reel diameter is 330 mm.
8
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Packaging Specification
9
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Packaging Specification
Moisture sensitivity level
Barcode label
DOMINANT Semiconductors
LOT NO : lotno
ROHS Compliant PB Free
S/N : xxx D/C: xxxx
PART NO : partno QTY : qty GROUP : group
Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag
Average 1pc SPNovaLED
Weight (gram) Weight (gram) 0.188 0.034
1 completed bag (1000pcs)
600 10 190 10
DOMINANT TM
Semiconductors
Cardboard Box
For SPNovaLED
Cardboard Box Size
Large
TM
Dimensions (mm)
Empty Box Weight (kg)
1.74
Reel / Box
Quantity / Box (pcs)
416 x 516 x 476
20 reels MAX
20,000 MAX
10
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Recommended Sn-Pb IR-Reflow Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s
Temperature (C)
175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s
Recommended Pb-free Soldering Profile
Classification Reflow Profile (JEDEC J-STD-020C)
300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s
Temperature (C)
200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s
Time (sec)
11
18/01/2007 V(O)
DOMINANT TM
Semiconductors
Innovating Illumination
RGB SPNovaLED : 20mA
Revision History
Page Subjects Initial Release Date of Modification 18 Jan 2007
NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors.
12
18/01/2007 V(O)
DOMINANT TM
Innovating Illumination
Semiconductors
RGB SPNovaLED : 20mA
About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com.
Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com
DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com
DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com
Semiconductors
Innovating Illumination
DOMINANT
TM


▲Up To Search▲   

 
Price & Availability of NMRTB-CSS-T3U3U3V3R3S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X